Part Number Hot Search : 
2SD11 4C7V5 X42180 MZ721 47M50 59101 IB050 AR3510
Product Description
Full Text Search
 

To Download 2SB761A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB761 2SB761A
DESCRIPTION *With TO-220C package *Complement to type 2SD856/856A *Low collector saturation voltage APPLICATIONS *For audio frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Tc=25 )
SYMBOL PARAMETER 2SB761 VCBO Collector-base voltage 2SB761A 2SB761 VCEO Collector-emitter voltage 2SB761A VEBO IC ICM PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Collectorl power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -80 -5 -3 -5 35 150 -55~150 V A A W Open emitter -80 -60 V CONDITIONS VALUE -60 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SB761 IC=-30mA; IB=0 2SB761A IC=-3 A;IB=-0.375 A IC=-3A ; VCE=-4V 2SB761 2SB761A VCE=-60V; VBE=0 CONDITIONS SYMBOL
2SB761 2SB761A
MIN -60
TYP.
MAX
UNIT
VCEO
Collector-emitter breakdown voltage
V -80 -1.2 -1.8 V V
VCEsat VBE
Collector-emitter saturation voltage Base-emitter on voltage
ICES
Collector cut-off current
-200 VCE=-80V; VBE=0 VCE=-60V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-4V IC=-3A ; VCE=-4V 40 10 -300 -1 250
A
ICEO IEBO hFE-1 hFE-2
Collector cut-off current Emitter cut-off current DC current gain DC current gain
A mA
Switching times ton toff Turn-on time IC=-1A ; IB1=-IB2=-0.1 A Turn-off time 2.0 s 0.5 s
hFE-1 classifications R 40-90 Q 70-150 P 120-250
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB761 2SB761A
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB761A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X